Part Number Hot Search : 
AK4675EG 1N4754 K1492 K1492 TD623 SMS15P1 MN14142 KK4006BN
Product Description
Full Text Search
 

To Download KAQV210H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV210H
REV. 0 SHEET 1 OF 7
Preliminary
OUTSIDE DIMENSION
V210H XXX
Date Code
7.62 6.50 7.3
6.9 2.7 0.2540.05 0.5
2.54
3.5
13.0
13.0
Unitmm Tolerance0.2mm
Turn On / Turn Off time
Input 90% 10% TON TOFF
1 2 3 6 5 4 1 FORM A NORMALLY OPEN 5,6 4
Output
Absolute Maximum Ratings
EmitterInput
Reverse Voltage .................................... Continuous Forward Current .................. Power Dissipation .............................. Derate Linearly from 25 ...............
Ta=25 DetectorOutput
350V 130mA 500mW
5.0V Output Breakdown Voltage .................. 50mA Continuous Load Current ..................
Peak Forward Current ................................. 1A Power Dissipation .............................. 100mW 1.3mW/
General Characteristics
Isolation Test Voltage .................. Isolation Resistance 5000VACrms Storage Temperature Range ...... -40 to +125 Operating Temperature Range ... -40 to +85 100 260
Vio=500VTa=25 ........................... 1010 Junction Temperature ........................... Total Power Dissipation ........................ 550mW Soldering Temperature Derate Linearly from 25 ............... 2.5mW/ 2mm from case10 sec ........................
PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV210H
Symbol
VF IFON IFOFF VB ITOFF CISO A B C RON TON TOFF
REV. 0 SHEET 2 OF 7
Ta=25
Preliminary
Electro-optical Characteristics
Parameter
EmitterInput Forward Voltage Operation Input Current Recovery Input Current DetectorOutput Output Breakdown Voltage Output Off-State Leakage I/O Capacitance ON Resistance Connection Turn-On Time Turn-Off Time IB=50A VT=100VIF=0mA IF=0f=1MHz IL=100mAIF=10mA IF=10mAVL=20V t=10msIL=100mA 350 0.2 6 20 10 5 0.3 0.7 IF=10mA VL=20VIL=100mAt=10ms VL=20VIL5A 0.2 1.2
Conditions
Min. Typ. Max. Unit.
1.5 5.0 V mA mA V 1 30 15 7.5 1.0 1.5 ms ms A pF
Schematic and Wiring Diagrams
Schematic Output Configuration Load Connection Wiring Diagrams
AC/DC
A
IN V
IF
1 2 3
6 5 4 IL La od CC VL (A ,D )
6 IL 4
La od VL (A ,D ) CC
1
6
IN V
IF
1 2
6 5 4 6 5
IL
Load
+ C VL (D ) -
6 5
IL
Load
+ C VL (D ) -
2
5
1a
DC
B
IN V
3 IF 1 2 3
3
4
IL 4
Load
C VL (D ) +
5 4
IL
Load
C VL (D ) +
IN V
DC
C
IF
1 2 3
6 5 4
La od IL
+ VL (D ) C -
6 5 4
IL La od
+ VL (D ) C -
PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV210H
REV. 0 SHEET 3 OF 7
Preliminary
Data Curve
Load current vs. ambient temperature Allowable ambient Temperature -40 to +85
140
On resistance vs. ambient temperature across terminals 4 and 6 pin LED current5mA Continuous load current130mADC
60
Load currentmA
On resistance
120 100 80 60 40 20 0 -40 -20 0 20 40 60 80 100
50 40 30 20
0
-40 -20 0 20 40 60 80
Ambient temperature Ta
Ambient temperature Ta
Turn On Time vs. ambient temperature Load voltage 350VDC LED current5mA Continuous load current130mADC
1.2 1.0 0.8 0.6 0.4 0 -40 -20 0 20 40 60 80
Turn Off Time vs. ambient temperature Load voltage 350VDC LED current5mA Continuous load current130mADC
2.5
Turn Off Timems
Turn On Timems
2.0 1.5 1.0 0.5 0 -40 -20
0
20
40
60
80 100
Ambient temperature Ta
Ambient temperature Ta
PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV210H
REV. 0 SHEET 4 OF 7
Preliminary
LED operate current vs. ambient temperature Load Voltage350VDC Continuous load current130mADC LED Turn Off currentmA LED operate currentmA
5 4 3 2 1 0 -40 -20 0 20 40 60 80
LED Turn Off current vs. ambient temperature Load Voltage350VDC Continuous load current130mADC
5 4 3 2 1 0 -40 -20 0 20 40 60 80
Ambient temperature Ta
Ambient temperature Ta
LED dropout voltage vs. ambient temperature LED current5 to 50mA LED dropout voltageV
1.9 1.7 1.5 30mA 1.3 10mA 1.1 0.9 0 -40 -20 0 20 40 60 80 100
20mA 5mA 50mA
Voltage vs. current characteristics of output at MOSFET portion Measured portionacross terminals 4 and 6 pin Ambient temperature25
120 100 80 60 40 20 -5 -4 -3 -2 -1
Voltage VS. Current Characteristics
Current mA
12345 -20 Voltage V -40 -60 -80 -100 -120
Ambient temperature Ta
Ambient temperature25
PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV210H
REV. 0 SHEET 5 OF 7
Preliminary
LED forward current vs. Turn On Time Across terminals 4 and 6pin Load voltage350VDC Continuous load current130mADC Ambient temperature25 Off state leakage current
2.0
Off state leakage current Across terminals 4and 6 pin Ambient temperature25
10 10 10 10
-3
Turn On Timems
1.5 1.0 0.5 0
-6
-9
-12
0
10
20
30
40
50
60
0
20
40
60
80
100
LED forward currentmA
Load voltageV
LED forward current vs. reverse(ON) time Across terminals 4 and 6 pin Load voltage350VDC Continuous load current130mADC Ambient temperature25
2.5
Applied voltage vs. output capacitance Across terminals 4 and 6 pin Frequency1MHz Ambient temperature25 Output capacitancepF
Turn Off Timems
2.0 1.5 1.0 0.5 0 0 10 20 30 40 50 60
50 40 30 20 10 0 0 10 20 30 40 50 60
LED forward currentmA
Applied voltageV
PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV210H
REV. 0 SHEET 6 OF 7
Preliminary
USING METHODS
Examples of resistance value to control LED forward currentIF SSR-MOSFET OUTPUT IF=5mA
R E
1 2 3
6 5 4
E 3.3V 5V 12V 15V 24V
R Approx. 330 Approx. 640 Approx. 1.9K Approx. 2.5K Approx. 4.1K
1 LED forward current must be more than 5mAat E min. 2 LED forward current must be less than 50mAat E max.
Emax. Emin.
PRODUCT SPECIFICATION
DATE03/01/2005
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV210H
REV. 0 SHEET 7 OF 7
Preliminary
USING METHODS
Regulate the spike voltage generated on the inductive load as follows
1 2 3
6 5 4 Load
1 2 3
6 5 4 Load
R-C Snubber


▲Up To Search▲   

 
Price & Availability of KAQV210H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X